Part Number Hot Search : 
R4000 VTD205 45M50B D452A OPI120TX SBR10 MRF898D ML720J8S
Product Description
Full Text Search
 

To Download 2SB1566 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SB1566
Transistors
For Power Amplification (-60V, -3A)
2SB1566
Structure PNP Silicon Epitaxial Planar Transistor External dimensions (Unit : mm)
TO-220FN
10.0
4.5
3.2
2.8
Features 1) Low VCE (sat). 2) Wide SOA.
15.0
12.0
8.0 5.0
1.2
1.3
14.0
0.8
(1)Base (2)Collector (3)Emitter
2.54
(1) (2) (3)
2.54
0.75
2.6
Applications Relay drive DC-DC converter Stabilized power supply
Complements
PNP 2SB1566 NPN 2SD2395
Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current DC Pulse Symbol VCBO VCEO VEBO IC ICP PC Tj Tstg Limits -60 -50 -5 -3 -4.5 2 25 150 -55 to +150 Unit V V V A(DC) A(Pulse)1 W(Ta=25C) W(Tc=25C) C C
Packaging specifications and hFE
Package Type hFE 2SB1566 EF Code Basic ordering unit (pieces) Taping - 500
hFE values are classified as follows:
Item hFE E 100 to 200 F 160 to 320
Collector power dissipation Junction temperature Storage temperature
1 Pw=100ms, single pulse
Electrical characteristics (Ta=25C)
Parameter Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage Base-emitter saturation voltage DC current gain Transition frequency Collector output capacitance
1 Pulse test
Symbol BVCEO BVCBO BVEBO ICBO IEBO VCE(sat) VBE(sat) hFE fT Cob
Min. Typ. Max. Unit -50 -60 -5 - - - - 100 - - - - - - - - - - 60 40 - - - -1.0 -1.0 -1.0 -1.5 320 - - V V V A A V V - pF IC=-1mA IC=-50A IE=-50A VCB=-60V VEB=-4V
Conditions
IC/IB=-2A/-0.2A IC/IB=-2A/-0.2A VCE=-3V, IC=-0.5A
1 1
MHz VCE=-5V, IE=0.5A, f=30MHz VCB=-10V, IE=0A, f=1MHz
1
1/1
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of 2SB1566

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X